Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7SB3157L-SM2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U7SB3157L-SM2-R
Description  SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SB3157L-SM2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U7SB3157L-SM2-R Datasheet HTML 1Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 2Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 3Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 4Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 5Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 6Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U7SB3157
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-604.a
10-Ω SPDT Analog Switch
DESCRIPTION
The UTC U7SB3157 is a dual, single-pole, double-throw(SPDT)
analog switch or 2:1 multiplexer/de-multiplexer bus switch which can
handle both digital and analog signals.This device operates from
1.65V to 5.5V.
FEATURES
*Useful in Both Analog and Digital Applications
*Specified Break-Before-Make Switching
*Low ON-State Resistance:10Ω
*Wide Single-Supply Operation:1.65V to 5.5V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U7SB3157L-SM2-R
U7SB3157G-SM2-R
MSOP-10
Tape Reel
U7SB3157L-SM2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SM2: MSOP-10
(3) G: Halogen Free, L: Lead Free
(3)Lead Free


Similar Part No. - U7SB3157L-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SB3157L-SM2-R UTC-U7SB3157L-SM2-R Datasheet
198Kb / 7P
10-廓 SPDT Analog Switch
More results

Similar Description - U7SB3157L-SM2-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
SPDT Analog Switch
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com