Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4051G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC4051G-S16-R
Description  8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4051G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC4051G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
U74HC4051
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-374.E
STATIC CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Capacitance
Ci
3.5
pF
ON-state
Resistance
PEAK
RON(PEAK)
VIS=VCC to VEE
VIN=VIH or VIL
VEE=0V, IS=0.1mA (Note) VCC=2.0V
Ω
VEE=0V, IS=1mA
VCC=4.5V
100
180
Ω
VEE=0V, IS=1mA
VCC=6.0V
90
160
Ω
VEE=-4.5V, IS=1mA
VCC=4.5V
70
130
Ω
RAIL
RON(RAIL)
VIS= VEE
VIN=VIH or VIL
VEE=0V, IS=0.1mA (Note) VCC=2.0V
150
Ω
VEE=0V, IS=1mA
VCC=4.5V
80
140
Ω
VEE=0V, IS=1mA
VCC=6.0V
70
120
Ω
VEE=-4.5V, IS=1mA
VCC=4.5V
60
105
Ω
VIS= VCC
VIN=VIH or VIL
VEE=0V, IS=0.1mA (Note) VCC=2.0V
150
Ω
VEE=0V, IS=1mA
VCC=4.5V
90
160
Ω
VEE=0V, IS=1mA
VCC=6.0V
80
140
Ω
VEE=-4.5V, IS=1mA
VCC=4.5V
65
120
Ω
Maximum ON-state
Resistance Variation
Between Any Two
Channels
∆RON(MAX)
VIS=VCC to VEE
VIN=VIH or VIL
VEE=0V, IS=0.1mA (Note) VCC=2.0V
Ω
VEE=0V, IS=1mA
VCC=4.5V
9
Ω
VEE=0V, IS=1mA
VCC=6.0V
8
Ω
VEE=-4.5V, IS=1mA
VCC=4.5V
6
Ω
Note: At supply voltages (VCC - VEE) approaching 2.0 V the analog switch ON-resistance becomes extremely
non-linear. Therefore it is recommended that these devices be used to transmit digital signals only, when
using these supply voltages.
DYNAMIC CHARACTERISTICS (TA=25°C, GND=0V, tR=tF=6ns, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation Delay Form
VIS to VOS
tPHL/tPLH RL=∞ CL=50pF
VEE=0V
VCC=2.0V
14
60
ns
VCC=4.5V
5
12
ns
VCC=6.0V
4
10
ns
VEE=-4.5V
VCC=4.5V
4
8
ns
Turn-ON Time
os
V
to
E
tPZH/tPZL
RL=1kΩ, CL=50pF
VEE=0V
VCC=2.0V
72
345
ns
VCC=4.5V
29
69
ns
VCC=6.0V
21
59
ns
VEE=-4.5V
VCC=4.5V
18
51
ns
RL=1kΩ, CL=15pF
VEE=0V
VCC=5.0V
22
ns
Sn to VOS
RL=1kΩ, CL=50pF
VEE=0V
VCC=2.0V
66
345
ns
VCC=4.5V
28
69
ns
VCC=6.0V
19
59
ns
VEE=-4.5V
VCC=4.5V
16
51
ns
RL=1kΩ, CL=15pF
VEE=0V
VCC=5.0V
20
ns
Turn-OFF Time
os
V
to
E
tPHZ/tPLZ
RL=1kΩ, CL=50pF
VEE=0V
VCC=2.0V
58
290
ns
VCC=4.5V
31
58
ns
VCC=6.0V
17
49
ns
VEE=-4.5V
VCC=4.5V
18
42
ns
RL=1kΩ, CL=15pF
VEE=0V
VCC=5.0V
18
ns
Sn to VOS
RL=1kΩ, CL=50pF
VEE=0V
VCC=2.0V
61
290
ns
VCC=4.5V
25
58
ns
VCC=6.0V
18
49
ns
VEE=-4.5V
VCC=4.5V
18
42
ns
RL=1kΩ, CL=15pF
VEE=0V
VCC=5.0V
19
ns
Note: VIS is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
VOS is the output voltage at a Yn or Z terminal, whichever is assigned as an output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com