Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4051G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC4051G-S16-R
Description  8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4051G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC4051G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4051G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC4051
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-374.E
8-CHANNEL ANALOG
MULTIPLEXER/
DEMULTIPLEXER
DESCRIPTION
The UTC U74HC4051 is a high-performance, 8-channel
analog multiplexer/de-multiplexer.
FEATURES
* Wide analog input voltage range from -5V to +5V
* Low ON-state resistance
* Logic level translation: to enable 5V logic to communicate with
±5V analog signals
* Typical “break before make” built in
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC4051L-D16-T
U74HC4051G-D16-T
DIP-16
Tube
-
U74HC4051G-S16-T
SOP-16
Tube
-
U74HC4051G-S16-R
SOP-16
Tape Reel
-
U74HC4051G-P16-T
TSSOP-16
Tube
-
U74HC4051G-P16-R
TSSOP-16
Tape Reel
-
U74HC4051G-Q16-3030-R
QFN16(3×3)
Tape Reel


Similar Part No. - U74HC4051G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4051G-S16-R UTC-U74HC4051G-S16-R Datasheet
256Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - U74HC4051G-S16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
8-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A Datasheet
125Kb / 12P
8-channel Analog Multiplexer / Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com