Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4053G-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC4053G-S16-R
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4053G-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC4053G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
U74HC4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-373.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +11.0
V
Input Clamping Current
(VIN<-0.5V or VIN>VCC+0.5V)
IIK
±20
mA
Switch Clamping Current
(VS<-0.5V or VS>VCC+0.5V)
ISK
±20
mA
Switch Current (VS=-0.5V to VCC+0.5V)
IS
±25
mA
Negative Supply Current
IEE
-20
mA
Ground Supply Current
IGND
-50
mA
Quiescent Supply Current
ICC
50
mA
Power Dissipation
DIP-16
PD
750
mW
SOP-16/TSSOP-16
500
mW
Derate above Ta>70°C
DIP-16
12
mW/K
SOP-16/TSSOP-16
8
mW/K
Operating Temperature
TOPR
-40~+125
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Difference
∆VCC
VCC-GND
2.0
5.0
10.0
V
VCC-VEE
2.0
5.0
10.0
v
Input Voltage
VIN
GND
VCC
V
Switch Voltage
VSW
VEE
VCC
V
Input Rise and Fall Times
tR, tF
VCC=2.0V
6.0
1000
ns
VCC=4.5V
6.0
500
ns
VCC=6.0V
6.0
400
ns
VCC=10.0V
6.0
250
ns
STATIC CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=2.0V
1.5
1.2
V
VCC=4.5V
3.15
2.4
V
VCC=6.0V
4.2
3.2
V
VCC=9.0V
6.3
4.7
V
Low-Level Input Voltage
VIL
VCC=2.0V
0.8
0.5
V
VCC=4.5V
2.1
1.35
V
VCC=6.0V
2.8
1.8
V
VCC=9.0V
4.3
2.7
V
Analog Switch OFF-state
Current
IS(OFF)
VCC=10V, VEE=0V,
VI=VIH or VIL
|VS |=VCC - VEE
Per Channel
±0.1
μA
All Channels
±0.1
μA
Analog Switch ON-state
Current
IS(ON)
VCC=10V, VEE=0V, VI=VIH or VIL
|VS |=VCC - VEE
±0.1
μA
Input Leakage Current
II(LEAK)
VEE=0V
VI=VCC or GND
VCC=6V
±0.1
μA
VCC=10V
±0.2
μA
Quiescent Supply Current
IQ
VI=VCC or GND
VIS=VEE or VCC
VOS=VCC or VEE
VCC=6V, VEE=0V
8
μA
VCC=10V,VEE=0V
16
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com