Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4053G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC4053G-S16-R
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4053G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC4053G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4053G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC4053
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-373.B
TRIPLE 2-CHANNEL ANALOG
MULTIPLEXER/
DEMULTIPLEXER
DESCRIPTION
The UTC U74HC4053 is a high-performance, triple 2-channel
analog multiplexer/de-multiplexer.
FEATURES
* Wide analog input voltage range from -5V to +5V
* Low ON-state resistance
* Logic level translation: to enable 5V logic to communicate with ±5V
analog signals
* Typical “break before make” built in
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC4053L-D16-T
U74HC4053G-D16-T
DIP-16
Tube
-
U74HC4053G-S16-R
SOP-16
Tape Reel
-
U74HC4053G-P16-R
TSSOP-16
Tape Reel
MARKING
DIP-16
SOP-16 / TSSOP-16


Similar Part No. - U74HC4053G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4053 UTC-U74HC4053 Datasheet
231Kb / 9P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
More results

Similar Description - U74HC4053G-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
Triple 2-channel Analog Multiplexer / Demultiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
17-May-2004
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com