Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4052L-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC4052L-P16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4052L-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC4052L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4052L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4052L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4052L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4052L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4052L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4052L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4052L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4052L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC4052
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-243.C
DUAL 4-CHANNEL ANALOG
MULTIPLEXER,
DEMULTIPLEXER
DESCRIPTION
The U74HC4052 provides common select logic. Each multiplexer
has four independent inputs/outputs and a common input/output.
FEATURES
* Wide analog input voltage range from -5V to +5V
* Low on-resistance
* Logic level translation: to enable 5V logic to communicate with ±5V
analog signals
* Typical “break before make” built in
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HC4052L-D16-T
U74HC4052G-D16-T
DIP-16
Tube
U74HC4052L-S16-R
U74HC4052G-S16-R
SOP-16
Tape Reel
U74HC4052L-P16-R
U74HC4052G-P16-R
TSSOP-16
Tape Reel
(1) R: Tape Reel, T: Tube
(2) D16: DIP-16, S16: SOP-16, P16: TSSOP-16
(3) G: Halogen Free, L: Lead Free
U74HC4052L-D16-T
(1)Packing Type
(2)Package Type
(3)Lead Plating


Similar Part No. - U74HC4052L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4052L-D16-T UTC-U74HC4052L-D16-T Datasheet
225Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
More results

Similar Description - U74HC4052L-P16-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
Dual 4-channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com