Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2429G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U2429G-S08-R
Description  SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U2429G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U2429G-S08-R Datasheet HTML 1Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 2Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 3Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 4Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 5Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U2429
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-031.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC, VDD
6.0
V
SOP-8
440
mW
Power Dissipation
DIP-8
PD
625
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage range
VCC
4.5 ~ 5.5
V
Rated supply voltage
VCC
5
V
ELECTRICAL CHARACTERISTICS (VCC = 5V, TA= 25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Circuit current
ICC
8
16
mA
Maximum attenuation
ATT
ATT=-∞
-90
-80
dB
Attenuation error
ATT
ATT=0
-2.0
0
2.0
dB
Maximum input voltage
VIM
THD=1%, ATT=-6dB
1.5
1.7
Vrms
Maximum output voltage
VOM
THD=1%
0.8
1.3
Vrms
VNO1
ATT=0, Rg=0
4
10
μVrms
Output noise voltage
VNO2
ATT=-∞, Rg=0
5
10
μVrms
Total harmonic distortion
THD
f=1kHz, VO=0.5Vrms, ATT=0
0.01
0.05
%
Channel separation
CS
f=1kHz
-80
-70
dB
DC CHARACTERISTICS OF DIGITAL BLOCK
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
"L" level input voltage
VIL
0
0.2×VCC
V
"H" level input voltage
VIH
Data, clock pin
0.8×VCC
VCC
V
"L" level input current
IIL
VI=0
-10
10
μA
"H" level input current
IIH
VI=5V
Data, clock pin
10
μA
AC CHARACTERISTICS OF DIGITAL BLOCK
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cycle time of clock
tcr
VDD=5V
4
μs
Pulse width of clock ("H" level)
tWHC
VDD=5V
1.6
μs
Pulse width of clock ("L" level)
tWLC
VDD=5V
1.6
μs
Clock rising time
tr
VDD=5V
0.4
μs
Clock falling time
tf
VDD=5V
0.4
μs
Data setup time
tSD
VDD=5V
0.8
μs
Data hold time
tHD
VDD=5V
0.8
μs
Note: UTC products on power start, DATA conversion or IC first start are all without delay time. When DATA reading
is completed, the output immediately respond.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com