Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2429G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U2429G-S08-R
Description  SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U2429G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U2429G-S08-R Datasheet HTML 1Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 2Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 3Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 4Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 5Page - Unisonic Technologies U2429G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U2429
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-031.C
SERIAL DATA CONTROL
DUAL ELECTRONIC VOLUME
DESCRIPTION
The UTC U2429 is a dual channel electronic volume
controlled with 2-wire serial data.
The built-in reference circuit can compose of an electronic
volume with less external parts.
FEATURES
* Built-in reference circuit
* Control with serial data Volume 0 ~ -83dB (1dB/step), -∞
(Independent control is allowed in each channel)
* Low noise and low distortion VNO = 5µVrms (ATT = -∞)
THD = 0.01% Typ. (V0 = 0.5Vrms)
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U2429L-D08-T
U2429G-D08-T
DIP-8
Tube
-
U2429G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


Similar Part No. - U2429G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
More results

Similar Description - U2429G-S08-R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7535M SANYO-LC7535M Datasheet
226Kb / 9P
Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
High Breakdown Voltage Serial Control Electronic Volume Control
logo
Samsung semiconductor
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
DUAL ELECTRONIC VOLUME CONTROL
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
Serial Data Control Dual Electronic Volume
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
Serial Data Control Dual Electronic Volume
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
Serial data control dual electronic volume
VER 1.2
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
Serial data controlled dual channel electronic volume control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com