Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7313G-S28-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U7313G-S28-R
Description  AUDIO PROCESSOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7313G-S28-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U7313G-S28-R Datasheet HTML 1Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 2Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 3Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 4Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 5Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 6Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 7Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 8Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
U7313
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 14
www.unisonic.com.tw
QW-R502-173.B
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.5~10.2
V
Max Input Clock Speed of Serial I
2C Bus Signal
BCLK
100
KBit/s
Operating Ambient Temperature
TOPR
-40~+85
℃
Storage Temperature
TSTG
-55~ +150
℃
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied
OVERALL CHARACTERSTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Supply Voltage
VDD
6
9
10
V
Supply Current
IS
VDD=9V
8
11
mA
Ripple Rejection
|RR|
VS=9V, RL=10KΩ,RG=600Ω
60
80
dB
Signal to Noise Ratio
S/N
All gains=0dB; VOUT=1Vrms
106
dB
Total Harmonic Distortion
THD
V=1Vrms f=1KHZ
0.01
0.1
%
Channel Separation
S(channel) f=1KHZ
103
dB
Input Gain Per Step
Au(gain)
3.75
dB/step
Volume Control Per Step
Au(volume)
1.25
dB/step
Bass Control Per Step
Au(bass)
f =100HZ
2
dB/step
Treble Control Per Step
Au(treble) f =20KHZ
2
dB/step
Speaker Control Per Step
Au(speaker)
1.25
dB/step
Total Tracking Error
Au(error)
Au=0 to -20dB
-20 to -60dB
0
0
1
2
dB
MODULE CHARACTERISTICS
(Ta=25ºC, VDD =9V, RL=10KΩ, (gain and all control 0dB), f=1KHZ unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
DC SUPPLY
DC Supply Voltage
VDD
6
9
10
V
Supply Current
IS
8
11
mA
GAIN & INPUT SELECTOR
Input Resistance
RI G
Input1,2,3
35
50
70
KΩ
Clipping Level
VCL
2
2.5
Vrms
Input Separation(input 1,2,3)
SIN
80
100
dB
Output Load resistance
RL
OUTL OUTR
2
KΩ
Gain Range
GIN
11.25
dB
Min. Gain
GINmin
-1
0
1
dB
Max. Gain
GINmax
11.25
dB
Adjacent Gain Steps
GSTEP
3.75
dB
Input Noise
eIN
G=11.25dB
2
uV
adjacent gain steps
4
20
mV
DC Shift Voltage Steps
VDC
G=18.75 to Av max
4
mV
VOLUME CONTROL
Input Resistance
RI V
Pin6,16
20
33
50
KΩ
Control Range
Gv
70
75
80
dB
Min. Attenuation
AuMIN
-1
0
1
dB
Max. Attenuation
AuMAX
70
75
80
dB
Adjacent Attenuation Steps
AuSTEP
0.5
1.25
1.75
dB
Attenuation Set Error
EA
Au=0 to -20dB
Au=-20 to -60dB
-1.25
-3
0
1.25
2
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com