Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7313G-S28-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U7313G-S28-R
Description  AUDIO PROCESSOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7313G-S28-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U7313G-S28-R Datasheet HTML 1Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 2Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 3Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 4Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 5Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 6Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 7Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 8Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U7313
CMOS IC
www.unisonic.com.tw
1 of 14
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-173.B
AUDIO PROCESSOR IC
DESCRIPTION
The U7313 is a 3-stereo inputs and 4-speaker outputs digital
audio processor which incorporates volume, tone(bass and treble) ,
balance(left/right)and fader(front/rear) into a single chip. Selectable
input gain and loudness function are provided to build a highly
effective electronic audio processor having the highest performance
and reliability with the external components. The AC signal setting is
obtained by resistor networks and switches which are set by
programming serial input signal via I
2C bus. In addition, BiCOMS
processes are utilized for low distortion, low noise and low DC
stepping.
The U7313 is designed for quality audio applications in car
radio and Hi-Fi systems.
FEATURES
* Support I
2C bus interface
* 3 stereo inputs and selectable input gain
* Volume control in 1.25dB/step
* Loudness function
* Bass and treble control
* 4 independent speakers control
* Independent mute function
* Low distortion
* Low noise and DC stepping
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U7313L-D28-T
U7313G-D28-T
DIP-28
Tube
U7313L-S28-R
U7313G-S28-R
SOP-28
Tape Reel
U7313L-S28-T
U7313G-S28-T
SOP-28
Tube


Similar Part No. - U7313G-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7313G-S28-R UTC-U7313G-S28-R Datasheet
347Kb / 14P
AUDIO PROCESSOR IC
More results

Similar Description - U7313G-S28-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1216AN TOSHIBA-TA1216AN Datasheet
574Kb / 18P
TV-AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2313L PTC-PT2313L Datasheet
183Kb / 3P
4-Channel Audio Processor IC
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
3D Effect Audio Processor IC
logo
List of Unclassifed Man...
BD3867AS ETC1-BD3867AS Datasheet
201Kb / 2P
Audio sound processor IC
PT2322 ETC1-PT2322 Datasheet
77Kb / 3P
6-Channel Audio Processor IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
Audio Processor IC
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
3D Effect Audio Processor IC
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
AUDIO PROCESSOR IC
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
SHENZHEN FUMAN ELECTRON...
SC2315 FUMAN-SC2315 Datasheet
227Kb / 12P
Dual channel audio processor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com