Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4053G-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4053G-P16-R
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053G-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  4053G-P16-R Datasheet HTML 1Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 2Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 3Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 4Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 5Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-036.E
PIN CONFIGURATION
Z1
Y1
Y0
Z
Z0
INH
VEE
VSS
X
VDD
Y
X1
X0
A
B
C
UTC 4053
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PIN DESCRIPTION
PIN No.
SYMBAL
NAME AND FUNCTION
14,15,4
X,Y,Z
Commons Input/Output
6
INH
Inhibit Input
7
VEE
Supply Voltage
8
VSS
Ground
11,10,9
A,B,C
Digital Control Inputs
12,13
X0,X1
A-X Switches Inputs/Outputs
2,1
Y0,Y1
B-Y Switches Inputs/Outputs
5,3
Z0,Z1
C-Z Switches Inputs/Outputs
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com