Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4053G-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4053G-P16-R
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053G-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  4053G-P16-R Datasheet HTML 1Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 2Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 3Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 4Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 5Page - Unisonic Technologies 4053G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-036.E
DYNAMIC ELECTRICAL CHARACTERISTICS
(CL = 50pF, TA=25°C, VEE≦VSS, unless otherwise specified)
PARAMETER
SYMBOL
VDD-VEE
VDC
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay Times
Switch Input to Switch
Output (RL = 10 kΩ)
tPLH, tPHL
5
tPLH, tPHL =(0.17 ns/pF)CL + 16.5ns
25
65
ns
10
tPLH, tPHL =(0.08 ns/pF)CL + 4.0ns
8.0
20
ns
15
tPLH, tPHL =(0.06 ns/pF)CL + 3.0ns
6.0
15
ns
Inhibit to Output
tPHZ, tPLZ
tPZH, tPZL
5
(RL=10kΩ, VEE=VSS), Output “1” or
“0” to High Impedance, or High
Impedance to “1” or “0” Level
275
550
ns
10
140
280
ns
15
110
220
ns
Control Input to Output
tPLH, tPHL
5
RL = 10kΩ, VEE = VSS
300
600
ns
10
120
240
ns
15
80
160
ns
Total Harmonic Distortion
THD
10
RL = 10KΩ, f = 1 kHz, VIN = 5 VPP
0.07
%
Bandwidth
BW
10
RL=1kΩ, VIN= 1/2(VDD-VEE) p-p,
CL =50pF, 20 Log (VOUT/VIN)= -3dB)
17
MHz
Off Channel Feedthrough
Attenuation
10
RL=1KΩ, VIN = 1/2(VDD-VEE) p-p
fIN = 55MHz
-50
dB
Channel Separation
10
RL = 1kΩ, VIN = 1/2 VDD-VEE)p-p
fIN = 3MHz
-50
dB
Crosstalk, Control Input to
Common O/I
10
R1 = 1kΩ, RL = 10kΩ Control
tTLH = tTHL = 20ns, Inhibit = VSS
75
mV
Notes: 1. Data of “TYP” is intended as an indication of the IC’s potential performance.
2. For voltage drops across the switch(∆VSW)>600mV (>300mV at high temperature), excessive VDD current
may be drawn, i.e. the current out of the switch may contain both VDD and switch input components. The
reliability of the device will be unaffected unless the Maximum Ratings are exceeded.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com