Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5C3257L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US5C3257L-S16-R
Description  QUAD 2:1 MUX/DEMUX BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3257L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US5C3257L-S16-R Datasheet HTML 1Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 2Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 3Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 4Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 5Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US5C3257
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-891.a
POWER SUPPLY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
(Note 2)
MAX
UNIT
Quiescent Power Supply Current
ICC
VCC=Max., VIN=GND or VCC
0.1
3.0
µA
Supply Current per Input @ TTL
HIGH
∆ICC
VCC=Max., VIN=3.4V (Note 3)
2.5
mA
Supply Current per Input per MHz
(Note 4)
ICCD
VCC=Max., I and Y Pins Open
BE
=GND, Control Input Toggling
50% Duty Cycle
0.25
mA/
MHz
Notes:1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the
applicable device type.
2. Typical values are at VCC=5.0V, TA=25°C ambient and maximum loading.
3. Per TTL driven input (VIN=3.4V, control inputs only); I and Y pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal
capacitance at the specified frequency. The I and Y inputs generate no significant AC or DC currents as
they transition. This parameter is not tested, but is guaranteed by design.
SWITCHING CHARACTERISTICS OVER OPERATIONG RANGE
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
MAX
UNIT
Propagation Delay In to Yn
(Note 2, 3)
tIY
CL=50pF, RL=500Ω
0.25
ns
Bus Select Time Sn to Yn
tSY
0.5
5.2
ns
Bus Disable Time E to Yn
tPZH / tPZL
0.5
4.8
ns
Bus Disable Time E to Yn
tPHZ / tPLZ
0.5
5.0
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com