Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAW8FS72A Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SAW8FS72A
Description  Superior high Flux for High Voltage System
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8FS72A Datasheet(HTML) 1 Page - Seoul Semiconductor

  SAW8FS72A Datasheet HTML 1Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 2Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 3Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 4Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 5Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 6Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 7Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 8Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
Rev.1.1
SAW8FS72A
– Acrich MJT 2525
Superior high Flux for High Voltage System
Acrich MJT
– 2525
•
General lighting
•
Architectural lighting
•
LED Bulbs
•
Decorative / Pathway lighting
Part Number
CCT
Color
Min.
Typ.
Max.
SAW8FS72A
Cool White
4700K
5600K
7000K
Neutral White
3700K
4200K
4700K
Warm White
2600K
3000K
3700K
Table 1. Product Selection Table
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
•
High flux output and high luminance
•
Designed for high voltage operation
•
Compact size package
•
SMT solderable
•
RoHS compliant
RoHS
LM-80
MacAdam
3-Step
RoHS
•
The MJT series of LEDs are designed
for AC & DC(High Voltage) operation
and high flux output applications
•
It incorporates state of the art SMD
design and low thermal resistant
material
•
The MJT is ideal light sources for
general illumination applications and
custom designed solutions
•
The package has a substrate made up
of a flexible film and Cu material
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability
SAW8FS72A


Similar Part No. - SAW8FS72A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
Enable High Flux and Cost Efficient System
SAW8A32D SEOUL-SAW8A32D Datasheet
1Mb / 26P
Market Standard 3528 Package Size
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
High Color Quality, CRI Min. 80
SAW8A32E-E1 SEOUL-SAW8A32E-E1 Datasheet
1Mb / 31P
RoHS compliant
More results

Similar Description - SAW8FS72A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
Superior high Flux for High Current System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
Superior high Flux for High Current System
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
Superior high Flux for High Voltage System
SAW8LA0A SEOUL-SAW8LA0A Datasheet
859Kb / 25P
Superior high Flux for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com