Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAW8FS72A Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SAW8FS72A
Description  Superior high Flux for High Voltage System
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8FS72A Datasheet(HTML) 5 Page - Seoul Semiconductor

  SAW8FS72A Datasheet HTML 1Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 2Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 3Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 4Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 5Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 6Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 7Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 8Page - Seoul Semiconductor SAW8FS72A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8FS72A
– Acrich MJT 2525
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
5
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
• PDF 변환 및 외부 공개자료 변환시 Rev정보 모두 삭제후 공유必
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev.1.1
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 6. Characteristics, I
F=40mA, Ta=25ºC, RH30%
Table 7. Absolute Maximum Ratings
Notes :
(1) Seoul Semiconductor maintains a tolerance of
7% on flux and power measurements.
(2) Ф
V is the total luminous flux output as measured with an integrating sphere.
(3) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate :
0.01, CCT 5% tolerance.
(4) Tolerance is
2.0 on CRI measurements.
(5) Thermal resistance is junction to T
S point (Refer to page 16).
•
Calculated performance values are for reference only.
•
All measurements were made under the standardized environment of SSC.
Parameter
Symbol
Value
Unit
Forward Current
I
F
60
mA
Power Dissipation
P
D
1.4
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-30 ~ + 100
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
40
-
mA
Forward Voltage
V
F
21.5
-
24.5
V
Luminous Flux [1]
ФV [2]
-
95
-
lm
Correlated Color Temperature [3]
CCT
2600
-
3700
K
CRI [4]
Ra
80
-
-
Deg.
Viewing Angle
2
Θ
1/2
-
130
-
Deg.
Junction Temperature
T
j
-
-
125
ºC
Storage Temperature
T
stg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [5]
Rθ
J-S
-
17.7
-
℃/W
ESD Sensitivity(HBM)
-
5k
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com