Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB6 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PUSB3AB6
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3AB6 Datasheet(HTML) 5 Page - NXP Semiconductors

  PUSB3AB6_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PUSB3AB6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 3 March 2015
5 of 12
NXP Semiconductors
PUSB3AB6
ESD protection for ultra high-speed interfaces
Data rate: 10 Gbit/s
Vertical scale: 325 mV/div
Horizontal scale: 16.7 ps/div
Fig 4.
USB 3.1 eye diagram, Printed-Circuit Board (PCB) with PUSB3AB6
Data rate: 10 Gbit/s
Vertical scale: 325 mV/div
Horizontal scale: 16.7 ps/div
Fig 5.
USB 3.1 eye diagram, PCB without PUSB3AB6 (reference)
aaa-016900
aaa-016901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com