Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB6 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUSB3AB6
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3AB6 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUSB3AB6_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3AB6_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
The device is designed to protect high-speed interfaces such as SuperSpeed and
Hi-Speed USB combination, Secure Digital (SD) card 3.0 and Thunderbolt interfaces
against ElectroStatic Discharge (ESD).
The device includes six high-level ESD protection diode structures. They protect sensitive
transmitters and receivers for ultra high-speed signal lines. The device is encapsulated in
a leadless ultra small DFN2111-7 (SOT1358-1) Surface-Mounted Device (SMD) plastic
package.
All signal lines are protected by a special diode configuration offering snapback ultra low
line capacitance of only 0.15 pF. These diodes utilize a snapback structure in order to
provide protection to downstream components from ESD voltages up to
15 kV contact
exceeding IEC 61000-4-2, level 4.
1.2 Features and benefits
System-level ESD protection for USB 2.0 and USB 3.1 combination, SD card 3.0 and
Thunderbolt interfaces
Supports SuperSpeed USB 3.1 at 10 Gbps
Line capacitance of only 0.15 pF for each channel
All signal lines with integrated rail-to-rail clamping diodes for downstream
ESD protection of
15 kV exceeding IEC 61000-4-2, level 4
Matched 0.5 mm trace spacing
Design-friendly pass-through signal routing
1.3 Applications
The device is designed for high-speed receiver and transmitter port protection:
Portable and wearable devices
Smartphones, tablet computers
TVs and monitors
DVD recorders and players
Notebooks, main board graphic cards and ports
Set-top boxes and game consoles
PUSB3AB6
ESD protection for ultra high-speed interfaces
Rev. 1 — 3 March 2015
Product data sheet


Similar Part No. - PUSB3AB6_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3AB6 NEXPERIA-PUSB3AB6 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
More results

Similar Description - PUSB3AB6_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
PUSB3FR4 PHILIPS-PUSB3FR4_15 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
Rev. 1-26 January 2015
PUSB3FR6 PHILIPS-PUSB3FR6_15 Datasheet
1Mb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1-25 February 2015
logo
Nexperia B.V. All right...
IP4292CZ10-TBR NEXPERIA-IP4292CZ10-TBR Datasheet
239Kb / 11P
ESD protection for ultra high-speed interfaces
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
ESD protection for ultra high-speed interfaces
PUSB3F4-TBR NEXPERIA-PUSB3F4-TBR Datasheet
479Kb / 15P
ESD protection for ultra high-speed interfaces
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
976Kb / 12P
ESD protection for ultra high-speed interfaces
PUSB3AB6 NEXPERIA-PUSB3AB6 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
PHDMI2AB4 NEXPERIA-PHDMI2AB4 Datasheet
811Kb / 14P
ESD protection for ultra high-speed interfaces
8 June 2018
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com