Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1962G-SM2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # F1962G-SM2-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1962G-SM2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  F1962G-SM2-R Datasheet HTML 1Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 2Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 3Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 4Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 5Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 6Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 7Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
F1962
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R109-017. E
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Supply Voltage
VCC(max)
17
V
Maximum Output Current
IOUT(max)
0.5
A
Maximum Output Withstand Voltage
VOUT(max)
15
V
Maximum Output Withstand Voltage
VF(max)
17
V
Maximum Output Current
IF(max)
5
mA
IR(max)
5
mA
HB Maximum Output Current
IB(max)
10
mA
ST Maximum Input Voltage
VST(max)
15
V
Allowable Power Dissipation
(With Specified Substrate( Note 2))
MSOP-10
PD
410
mW
SSOP-10
500
mW
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Specified substrate: 114.3×76.2×1.5mm
3 glass epoxy.
RECOMMANDED OPERATING RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
3.8 ~ 16.8
V
ST Input High Level Voltage
STH
3 ~ 14
V
ST Input Low Level Voltage
STL
-0.3 ~ +0.4
V
Hall Input Common Mode Voltage Range
VICM
0.2 ~ VCC-1.5
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VCC=5V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Current Drain
ICC
In drive mode (CT=[L], ST=[L])
6.5
9.1
mA
In lockup protection mode
(CT=[H], ST=[L])
2.2
3.1
mA
In standby mode (ST=[H])
110
150
μA
Lockup Detection
Capacitor Charge Current
ICT
1
1.9
2.8
3.7
μA
Capacitor discharge current
ICT
2
0.32 0.46 0.60
μA
Capacitor Charge/Discharge
Current Ratio
RCT
RCD=ICT
1/ICT2
5.0
6.0
7.0
CT Charge Voltage
VCT
1
2.55 2.75 2.95
V
CT Discharge Voltage
VCT
2
1.6
1.8
2.0
V
Output Low Level Voltage
VOL
IO=200mA
0.2
0.3
V
Output High Level Voltage
VOH
IO=200mA
3.9
4.1
V
Hall Input Sensitivity
VHN
Zero peak value
(Including offset and hysteresis)
7
15
mV
Output Pin Low Voltage
VFG
IRD, IFG=5mA
0.1
0.3
V
Output Pin Leakage Current
IFGL
VRD, VFG=15V
30
μA
HB Output Low Voltage
VHBL
IHB=5mA
1.0
1.3
V
ST Pin Input Current
IST
VST=5V
75
100
μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com