Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1962G-SM2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F1962G-SM2-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1962G-SM2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F1962G-SM2-R Datasheet HTML 1Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 2Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 3Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 4Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 5Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 6Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 7Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
F1962
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R109-017. E
SINGLE-PHASE FULL-WAVE
MOTOR DRIVER IC
DESCRIPTION
The UTC F1962 is a Single-phase full-wave motor driver designed
specially for small DC fans. For example, CPU cooling fans.
FEATURES
* Wide Operating Voltage 5V or 12V Are Both Acceptable
* Built-In Hall Amplifier And Hall Bias Circuit
* Built-In Lockup And Thermal Protection With Automatic Recovery
Circuits
* Rotation Detection Output
* Start/Stop Pin For Standby Mode Control
ORDERING INFORMATION
Ordering Number
Package
Packing
F1962G-SM2-T
MSOP-10
Tube
F1962G-SM2-R
MSOP-10
Tape Reel
F1962G-R10-T
SSOP-10
Tube
F1962G-R10-R
SSOP-10
Tape Reel
MARKING


Similar Part No. - F1962G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F1962G-SM2-R UTC-F1962G-SM2-R Datasheet
295Kb / 9P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
More results

Similar Description - F1962G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
3-phase full-wave motor driver IC
logo
Rohm
BA6427F ROHM-BA6427F Datasheet
77Kb / 5P
Single-phase full-wave motor driver
logo
LSI Computer Systems
BA6428F LSI-BA6428F Datasheet
263Kb / 2P
Single phase full-wave driver IC for fan motor
logo
Unisonic Technologies
F1962 UTC-F1962 Datasheet
295Kb / 9P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
F6908 UTC-F6908_15 Datasheet
255Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
logo
Shaoxing Devechip Micro...
SDC11168 SDC-SDC11168 Datasheet
418Kb / 10P
Single-phase Full-wave Motor Driver
SDC11169 SDC-SDC11169 Datasheet
372Kb / 11P
Single-phase Full-wave Motor Driver
SDC11170 SDC-SDC11170 Datasheet
354Kb / 10P
Single-phase Full-wave Motor Driver
SDC11557 SDC-SDC11557 Datasheet
310Kb / 8P
Single-Phase Full-Wave Motor Driver
SDC11558 SDC-SDC11558 Datasheet
336Kb / 10P
Single-Phase Full-Wave Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com