Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6406P-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F6406P-S08-R
Description  2-PHASE DC-FAN MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F6406P-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F6406P-S08-R Datasheet HTML 1Page - Unisonic Technologies F6406P-S08-R Datasheet HTML 2Page - Unisonic Technologies F6406P-S08-R Datasheet HTML 3Page - Unisonic Technologies F6406P-S08-R Datasheet HTML 4Page - Unisonic Technologies F6406P-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
F6406/G
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R109-026.D
2-PHASE DC-FAN MOTOR
PRE-DRIVER IC
DESCRIPTION
The UTC F6406/G is a 2-phase pre-driver IC for dc-fan motors,
providing the functions of motor lock protection, auto-restart, and
rotation detection signal output. UTC F6406 is with RD option and
UTC F6406G with FG.
FEATURES
* Wide supply voltage range of 2.5V to 30V
* Lock protection
* Auto-restart when the motor lock is undone
* RD(latch-type lockup detection) output (F6406)
* FG(frequency generator) output (F6406G)
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
F6406P-S08-R
SOP-8
Tape Reel
F6406GP-S08-R
SOP-8
Tape Reel
MARKING
F6406P
F6406GP


Similar Part No. - F6406P-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F6406P-S08-R UTC-F6406P-S08-R Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406P-S08-R UTC-F6406P-S08-R Datasheet
143Kb / 5P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
More results

Similar Description - F6406P-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
SK6406 UTC-SK6406 Datasheet
134Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406 Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
2-phase Brushless Fan Motor Driver
logo
Unisonic Technologies
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LB1868 ONSEMI-LB1868 Datasheet
84Kb / 5P
2-phase Brushless Fan Motor Driver
May, 2013
logo
Unisonic Technologies
F6406 UTC-F6406_17 Datasheet
143Kb / 5P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com