Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1868 Datasheet (PDF) - ON Semiconductor

LB1868 Datasheet PDF - ON Semiconductor
Part # LB1868
Download  LB1868 Download
File Size   84.54 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-phase Brushless Fan Motor Driver

LB1868 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1868 Datasheet PDF - ON Semiconductor

Part # LB1868
Download  LB1868 Click to download

File Size   84.54 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-phase Brushless Fan Motor Driver

LB1868 Datasheet (HTML) - ON Semiconductor


LB1868 Product details

Overview
The LB1868 is a 2-phase unipolar brushless motor driver. With only a few peripheral parts, lockup protection and automatic recovery can be implemented. The IC can be configured for 12V or 24V operation and a wide range of variations, from Low speed to H-High speed and from 60cm to 120cm square using the same PCB. This makes it easy to design highly reliable fan motor installations.

Features
● Output protection Zener diode with variable withstand voltage
   Z1, Z2 pins open: VOLM = 57V (24V specification)
   Z1, Z2 pins shorted: VOLM = 32V (12V specification)
   External Zener diode connected across Z1 - VCC pins:
      support for fans with large drive current
● External resistor allows configuration for 12V or 24V
● Direct Hall element connection possible
   (built-in Hall amplifier with hysteresis supports core without auxiliary electrode)
● Built-in output transistor with 1.0A output current
   (strengthened negative-current support for core without auxiliary
   electrode)
● Built-in rotation detection function:
   Low during rotation and High during stop
● Built-in lockup protection with automatic recovery
● Built-in thermal shutdown




Similar Part No. - LB1868

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868 Datasheet
32Kb / 4P
Two-Phase Brushless Fan Motor Driver
LB1868 SANYO-LB1868 Datasheet
84Kb / 5P
2-phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
43Kb / 5P
Two-Phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
88Kb / 5P
2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1868M ONSEMI-LB1868M Datasheet
89Kb / 5P
Fan Motor Driver
May, 2013
More results


Similar Description - LB1868

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
Two-Phase Brushless Fan Motor Driver
LB1867M SANYO-LB1867M_09 Datasheet
86Kb / 5P
2-phase Brushless Fan Motor Driver
LB1868 SANYO-LB1868_09 Datasheet
84Kb / 5P
2-phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
2-phase Brushless Fan Motor Driver
logo
Rohm
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
3-Phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
2-phase Brushless Fan Motor Driver
May, 2013
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
3-Phase Brushless Fan Motor Driver
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com