Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1868 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LB1868
Description  2-phase Brushless Fan Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1868 Datasheet(HTML) 4 Page - ON Semiconductor

  LB1868 Datasheet HTML 1Page - ON Semiconductor LB1868 Datasheet HTML 2Page - ON Semiconductor LB1868 Datasheet HTML 3Page - ON Semiconductor LB1868 Datasheet HTML 4Page - ON Semiconductor LB1868 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1868
No.6202-4/5
Block Diagram
IN−
IN+
CT
OUT1
GND
VIN
RD
Z2
Z1
OUT2
L1
L2
H
VCC
R1
R2
0.47 to 10
μF
C1
Thermal
shutdown
Control block
Constant
current
source
Application Circuit Example
(1) 12V supply voltage
1
IN−
2
IN+
3
CT
4
5
OUT1
6
7
GND
10
9
VIN
RD
Z2
Z1
OUT2
8
LB1868
H
330
Ω
2k
Ω
VCC
12V
0.47
μF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com