Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1868 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB1868
Description  2-phase Brushless Fan Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1868 Datasheet(HTML) 3 Page - ON Semiconductor

  LB1868 Datasheet HTML 1Page - ON Semiconductor LB1868 Datasheet HTML 2Page - ON Semiconductor LB1868 Datasheet HTML 3Page - ON Semiconductor LB1868 Datasheet HTML 4Page - ON Semiconductor LB1868 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1868
No.6202-3/5
Pin Assignment
1
IN−
2
IN+
3
CT
4
5
OUT1
6
7
GND
10
9
VIN
RD
Z2
Z1
OUT2
8
Top view
Pin Function
Pin No.
Pin name
Function
1
IN−
Hall input + pin. Hysteresis amplifier
2
IN+
Hall input
− pin. Hysteresis amplifier
3
CT
Lockup protection time setting capacitor pin (0.47 to 4.7
μF).
4
OUT1
Output 1 pin.
6
OUT2
Output 2 pin.
5
GND
GND pin.
7
Z1
External Zener diode pin (external Zener diode to be connected between power supply and Z1).
8
Z2
Kickback absorption voltage alteration pin (shorted to Z1: 12V operation).
9
RD
Lockup detection pin (latch type).
10
VIN
Regulated power supply input pin (limiting resistor to be inserted between power supply and VIN).
Truth Table
IN+
IN−
CT
OUT1
OUT2
RD
H
L
L
H
L
L
L
H
L
L
H
L
H
L
H
H
H
H
L
H
H
H
H
H
* RD is a latch type output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com