Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3718G-S28-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LS3718G-S28-R
Description  20-BIT SERIAL TO PARALLEL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LS3718G-S28-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LS3718G-S28-R Datasheet HTML 1Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 2Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 3Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 4Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 5Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 6Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 7Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LS3718
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R121-015.B
PIN CONFIGURATION
P9
P10
P11
P12
P13
P14
VSS
P15
P16
P17
P18
P19
P20
SO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
P8
P7
P6
P5
P4
P3
VSS
P2
P1
CLR
STB
CLK
DATA
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
1
P9
O
Parallel Data Output Pin 9
2
P10
O
Parallel Data Output Pin 10
3
P11
O
Parallel Data Output Pin 11
4
P12
O
Parallel Data Output Pin 12
5
P13
O
Parallel Data Output Pin 13
6
P14
O
Parallel Data Output Pin 14
7
VSS
GND
8
P15
O
Parallel Data Output Pin 15
9
P16
O
Parallel Data Output Pin 16
10
P17
O
Parallel Data Output Pin 17
11
P18
O
Parallel Data Output Pin 18
12
P19
O
Parallel Data Output Pin 19
13
P20
O
Parallel Data Output Pin 20
14
SO
O
Serial Data Output Pin
15
DATA
I
Serial Data Input Pin
16
CLK
I
Clock Signal Input Pin
17
STB
I
Data Strobe, Low Actived
18
CLR
I
Data Reset, Low Actived
19
P1
O
Parallel Data Output Pin 1
20
P2
O
Parallel Data Output Pin 2
21
VSS
GND
22
P3
O
Parallel Data Output Pin 3
23
P4
O
Parallel Data Output Pin 4
24
P5
O
Parallel Data Output Pin 5
25
P6
O
Parallel Data Output Pin 6
26
P7
O
Parallel Data Output Pin 7
27
P8
O
Parallel Data Output Pin 8
28
VDD
Power Supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com