Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3718G-S28-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LS3718G-S28-R
Description  20-BIT SERIAL TO PARALLEL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LS3718G-S28-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LS3718G-S28-R Datasheet HTML 1Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 2Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 3Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 4Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 5Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 6Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 7Page - Unisonic Technologies LS3718G-S28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LS3718
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R121-015.B
20-BIT SERIAL TO PARALLEL
CONVERTER
DESCRIPTION
The UTC LS3718 is a 20-bit serial to parallel converter utilizing
CMOS Technology. It is incorporates control circuit, shift register,
latch and driver into a single ship. It is suitable for MCU interface.
The effective interface assignment of MPU is available as the
connection between UTC LS3718 and MPU is required only 4
lines.
The device is designed to operate up to 5MHz. When the serial
data input to the DATA terminal and the data is output from parallel
output buffer through serial in parallel out shift register and parallel
data latches.
The data can through the shift register serial output to the SO
terminal. Therefore the UTC LS3718 can cascade connection to
expand the output data number.
The hysteresis input circuit realizes wide noise margin and the
high drive-ability output buffer (25mA) can drive LED directly.
FEATURES
* 20-Bit serial in parallel out
* Cascade connection
* Operating voltage
5V±10%
* Hysteresis input
0.5V typ
* Output current
25mA
* Operating frequency
5MHz or more
ORDERING INFORMATION
Ordering Number
Package
Packing
LS3718G-S28-R
SOP-28
Tape Reel
MARKING


Similar Part No. - LS3718G-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LS3718 UTC-LS3718 Datasheet
90Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
LS3718-S28-R UTC-LS3718-S28-R Datasheet
90Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
LS3718-S28-T UTC-LS3718-S28-T Datasheet
90Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
LS3718L-S28-R UTC-LS3718L-S28-R Datasheet
90Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
LS3718L-S28-T UTC-LS3718L-S28-T Datasheet
90Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
More results

Similar Description - LS3718G-S28-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
8-BIT SERIAL TO PARALLEL CONVERTER?
NJU3713 NJRC-NJU3713 Datasheet
196Kb / 6P
12-BIT SERIAL TO PARALLEL CONVERTER?
NJU3715 NJRC-NJU3715 Datasheet
199Kb / 6P
16-BIT SERIAL TO PARALLEL CONVERTER????
NJU3718 NJRC-NJU3718 Datasheet
229Kb / 7P
20-BIT SERIAL TO PARALLEL CONVERTER???????
NJU3719 NJRC-NJU3719 Datasheet
204Kb / 6P
24-BIT SERIAL TO PARALLEL CONVERTER?????????
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
4-BIT PARALLEL-TO-SERIAL CONVERTER
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
11-BIT PARALLEL TO SERIAL CONVERTER
logo
Unisonic Technologies
LS3718 UTC-LS3718 Datasheet
90Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com