Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK1288-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK1288-S08-R
Description  2-PHASE DC-FAN MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1288-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK1288-S08-R Datasheet HTML 1Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 2Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 3Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 4Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 5Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 6Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 7Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK1288
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R109-024,A
2-PHASE DC-FAN MOTOR
DRIVER
DESCRIPTION
SK1288 is a 2-Phase driver for DC-Fan motor . Build-in hall
amplifier with hysteresis. Low switching noise and effective motor
driver are further advantages . Support the function of motor lock
protection , auto-restart , rotation detection signal output .
FEATURES
* Wide supply voltage range of 2.5V to 20V
*Output current Io(max)=600mA
*Operate with Hall element
*Lock protection
*Auto-restart when the motor lock is undone
*FG(frequency generator) output
*SOP-8 package
SOP-8
*Pb-free plating product number: SK1288L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
SK1288-S08-R
SK1288L-S08-R
SOP-8
Tape Reel
SK1288-S08-T
SK1288L-S08-T
SOP-8
Tube
SK1288L-S08-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - SK1288-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1288-S08-R UTC-SK1288-S08-R Datasheet
73Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
More results

Similar Description - SK1288-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
SK6406 UTC-SK6406 Datasheet
134Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406 Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
2-phase Brushless Fan Motor Driver
logo
Unisonic Technologies
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
2-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LB1868 ONSEMI-LB1868 Datasheet
84Kb / 5P
2-phase Brushless Fan Motor Driver
May, 2013
logo
Unisonic Technologies
F6406 UTC-F6406_17 Datasheet
143Kb / 5P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com