Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK6908-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # SK6908-SH2-R
Description  SINGLE-PHASE DC-FAN MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK6908-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  SK6908-SH2-R Datasheet HTML 1Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 2Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 3Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 4Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 5Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SK6908
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R109-025.B
POWER DISSIPATION
Fig.-2
The maximum junctions temperature is 150°C in plastic packages, but for reasons of reliability, a lower number may
be mandated.
PT = TJ(MAX) – Ta (MAX) / θJA
PT = Total Power Dissipated by the Device
TJ (MAX) = Maximum Junction Temperature
Ta(MAX) = Maximum Ambient Temperature
θJA = 175°C/W
THERMAL SHUTDOWN (TSD)
Fig.-3
175℃
150℃
OUTPUT OFF
OUTPUT ON
TSD ON
TSD OFF
Junction Temperature (℃)
TSD ON ( Typ : 175℃ )
TSD OFF ( Typ : 150℃ )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com