Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK6908-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK6908-SH2-R
Description  SINGLE-PHASE DC-FAN MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK6908-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK6908-SH2-R Datasheet HTML 1Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 2Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 3Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 4Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 5Page - Unisonic Technologies SK6908-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK6908
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R109-025.B
SINGLE-PHASE DC-FAN
MOTOR DRIVER
DESCRIPTION
SK6908 is a single-phase driver for dc-fan motors. It provides
high efficiency, low noise output and supports the functions of motor
lock protection, auto restart and rotation detection.
FEATURES
*Wide supply voltage range of 2.5V to 20V
*Output current IO(MAX)=600mA
*Operate with Hall element
*Lock protection
*Auto-restart when the motor lock is undone
*FG(frequency generator) output
*Package type SOP-8 and HSOP-8 expose
*Pb-free plating product number: SK6908L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
SK6908-S08-R
SK6908L-S08-R
SOP-8
Tape Reel
SK6908-S08-T
SK6908L-S08-T
SOP-8
Tube
SK6908-SH2-R
SK6908L-SH2-R
HSOP-8
Tape Reel
SK6908-SH2-T
SK6908L-SH2-T
HSOP-8
Tube
SK6908L-S08-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8, SH2: HSOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - SK6908-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908-SH2-R UTC-SK6908-SH2-R Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
More results

Similar Description - SK6908-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
Fan Motor Driver Single-Phase Full-Wave Driver
LV8860V SANYO-LV8860V Datasheet
260Kb / 11P
Fan Motor Driver Single-Phase Full-Wave Driver
logo
Unisonic Technologies
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LV8862JA ONSEMI-LV8862JA Datasheet
301Kb / 12P
Single-phase FAN Motor Driver
March 2015 - Rev. 1
LV11961HA ONSEMI-LV11961HA Datasheet
391Kb / 14P
Single-phase FAN Motor Driver
November 2015 - Rev. 2
LV8161MU ONSEMI-LV8161MU Datasheet
438Kb / 11P
Single-Phase Fan Motor Driver
April, 2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com