Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2003G-P16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULN2003G-P16-R
Description  7CH DARLINGTON SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2003G-P16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULN2003G-P16-R Datasheet HTML 1Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 2Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 3Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 4Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 5Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 6Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 7Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 8Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ULN2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R113-001.O
ABSOLUTE MAXIMUM RATINGS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Output Sustaining Voltage
VOUT
-0.5~50
V
Input Voltage
VIN
-0.5~30
V
Clamp Diode Reverse Voltage
VR
50
V
Output Current
IOUT
500
mA / ch
Clamp Diode Forward Current
IF
500
mA
DIP-16
1.47
W
SOP-16
1.25 (Note2)
W
Power Dissipation
TSSOP-16
PD
0.62
W
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. On PCB (Test Board: JEDEC 2s2p)
RECOMMENDED OPERATING CONDITIONS (TA=-40~+85°C, unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Sustaining Voltage
VOUT
0
50
V
Duty = 10%
0
350
DIP-16
Duty = 50%
0
100
Duty = 10%
0
300
Duty = 50%
0
90
SOP-16
Duty = 50%
0
Duty = 10%
0
150
Output Current
TSSOP-16
IOUT
TPW = 25ms
7 Circuits
TA = 85°C
TJ = 120°C
Duty = 50%
0
30
mA/ch
Input Voltage
VIN
0
24
V
Input Voltage (Output On)
VIN (ON)
IOUT = 400mA
2.8
24
V
Input Voltage (Output Off)
VIN (OFF)
0
0.7
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
350
mA
DIP-16
TA = 85°C
0.76
SOP-16
TA = 85°C (Note)
0.65
Power Dissipation
TSSOP-16
PD
TA = 85°C
0.32
W
Note: On PCB (Test Board: JEDEC 2s2p)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com