Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2003G-P16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # ULN2003G-P16-R
Description  7CH DARLINGTON SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2003G-P16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button ULN2003G-P16-R Datasheet HTML 2Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 3Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 4Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 5Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 6Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 7Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 8Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 9Page - Unisonic Technologies ULN2003G-P16-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ULN2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R113-001.O
TEST CIRCUIT(Cont.)
OPEN
OPEN
VF
IF
7. VF
Note 1: Pulse width 50µs ,duty cycle 10%
Output impedance 50Ω tR 5ns, tF 10ns
Note 2: See below
Note 3: CL includes probe and jig capacitance
TYPE NUMBER
ULN2003
R1
0
VIH
3V
INPUT CONDITION
8. tON, tOFF
PULSE
GENERATOR
Note 2
INPUT
OPEN
VOUT
RL
CL=15pF
(Note 3)
(Note 1)
OUTPUT
INPUT
OUTPUT
50
TON
TOFF
90
50
10
90
50
10
tR
tF
50µs
VIH
0
VOL
VO
H
50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com