Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMFX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMFX/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMFX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2735XMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 13Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 14Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 15Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 16Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
=
( ) R
Load
2
D
'
L
x
25
RHPZERO
1
=
F
CF
POLE -
25((R1 R2) x C3)
=
1
(
)
R2 xC3
2 5
F
CF
ZERO -
LOAD
R
O
V
3
C
2
R
1
R
FB
V
=
1
(RLoadCOUT)
2 5
F RC
P-
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
Feature Description (continued)
Lower output voltages will have the zero set closer to 10 kHz, and higher output voltages will usually have the
zero set closer to 5 kHz. TI recommends obtaining a Gain and Phase plot for your actual application. See
Application and Implementation to obtain examples of working applications and the associated component
values.
Pole at origin due to internal GM amplifier:
FP-ORIGIN
(3)
Pole due to output load and capacitor:
(4)
This equation only determines the frequency of the pole for perfect current mode control (CMC). That is, it
doesn’t take into account the additional internal artificial ramp that is added to the current signal for stability
reasons. By adding artificial ramp, you begin to move away from CMC to voltage mode control (VMC). The
artifact is that the pole due to the output load and output capacitor will actually be slightly higher in frequency
than calculated. In this example, it is calculated at 650 Hz, but in reality, it is around 1 kHz.
The zero created with capacitor C3 & resistor R2:
Figure 17. Setting External Pole-Zero
(5)
There is an associated pole with the zero that was created in the above equation.
(6)
It is always higher in frequency than the zero.
A right-half plane zero (RHPZ) is inherent to all boost converters. One must remember that the gain associated
with a right-half plane zero increases at 20 dB per decade, but the phase decreases by 45° per decade. For
most applications there is little concern with the RHPZ due to the fact that the frequency at which it shows up is
well beyond crossover, and has little to no effect on loop stability. One must be concerned with this condition for
large inductor values and high output currents.
(7)
There are miscellaneous poles and zeros associated with parasitics internal to the LM2735, external
components, and the PCB. They are located well over the crossover frequency, and for simplicity are not
discussed.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com