Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMFX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMFX/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMFX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2735XMFX/NOPB Datasheet HTML 13Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 14Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 15Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 16Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 17Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 18Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 19Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 20Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
REF
V
¨
¨
©
§
OUT
V
=
2
R
1¸¸
¹
·
-
x
1
R
LOAD
R
O
V
3
C
2
R
1
R
FB
V
¨
¨
©
§
+
x
=
ESR
L
OUT
R
ÂI
ÂV
x
x
x
OUT
Load
SW
C
R
F
2
x
OUT
D
V
¹
¸
¸
·
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
(15)
When using MLCCs, the ESR is typically so low that the capacitive ripple may dominate. When this occurs, the
output ripple will be approximately sinusoidal and 90° phase shifted from the switching action.
Given the availability and quality of MLCCs and the expected output voltage of designs using the LM2735, there
is really no need to review any other capacitor technologies. Another benefit of ceramic capacitors is their ability
to bypass high-frequency noise. A certain amount of switching edge noise will couple through parasitic
capacitances in the inductor to the output. A ceramic capacitor will bypass this noise while a tantalum will not.
Since the output capacitor is one of the two external components that control the stability of the regulator control
loop, most applications will require a minimum at 4.7 µF of output capacitance. Like the input capacitor,
recommended multilayer ceramic capacitors are X7R or X5R. Again, verify actual capacitance at the desired
operating voltage and temperature.
8.2.1.2.4
Setting the Output Voltage
The output voltage is set using the following equation where R1 is connected between the FB pin and GND, and
R2 is connected between VOUT and the FB pin.
Figure 20. Setting Vout
A good value for R1 is 10 k
Ω.
(16)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com