Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5001MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5001MA/NOPB
Description  High-Voltage Switch-Mode Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5001MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VIN
FB
EN
RT
GND
SW
LM5001
VCC
COMP
+12V to +36V
+48V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5001, LM5001-Q1
SNVS484H – JANUARY 2007 – REVISED JULY 2015
LM5001x High-Voltage Switch-Mode Regulator
1 Features
3 Description
The LM5001 high-voltage switch-mode regulator
1
•
AEC-Q100 Qualified (TJ = –40°C to 125°C)
features all of the functions necessary to implement
•
Integrated 75-V N-Channel MOSFET
efficient high-voltage Boost, Flyback, SEPIC and
•
Ultra-Wide Input Voltage Range from
Forward converters, using few external components.
3.1 V to 75 V
This easy-to-use regulator integrates a 75-V N-
Channel MOSFET with a 1-A peak current limit.
•
Integrated High Voltage Bias Regulator
Current mode control provides inherently simple loop
•
Adjustable Output Voltage
compensation
and
line-voltage
feed-forward
for
•
1.5% Output Voltage Accuracy
superior rejection of input transients. The switching
frequency is set with a single resistor and is
•
Current Mode Control with Selectable
programmable up to 1.5 MHz. The oscillator can also
Compensation
be synchronized to an external clock. Additional
•
Wide Bandwidth Error Amplifier
protection features include: current limit, thermal
•
Integrated Current Sensing and Limiting
shutdown,
undervoltage
lockout
and
remote
shutdown capability.
•
Integrated Slope Compensation
•
85% Maximum Duty Cycle Limit
Device Information(1)
•
Single Resistor Oscillator Programming
DEVICE NAME
PACKAGE
BODY SIZE
•
Oscillator Synchronization Capability
SOIC (8)
4.9 mm x 3.91 mm
LM5001
•
Enable / Undervoltage Lockout (UVLO) Pin
WSON (8)
4 mm x 4 mm
•
Thermal Shutdown
LM5001Q1
SOIC (8)
4.9 mm x 3.91 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
•
DC-DC Power Supplies for Industrial,
Communications, and Automotive Applications
•
Boost, Flyback, SEPIC and Forward Converter
Topologies
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5001MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5001MA/NOPB TI2-LM5001MA/NOPB Datasheet
1,005Kb / 32P
LM5001x High-Voltage Switch-Mode Regulator
REVISED JULY 2015
LM5001MA/NOPB.A TI2-LM5001MA/NOPB.A Datasheet
1,005Kb / 32P
LM5001x High-Voltage Switch-Mode Regulator
REVISED JULY 2015
LM5001MA/NOPB.B TI2-LM5001MA/NOPB.B Datasheet
1,005Kb / 32P
LM5001x High-Voltage Switch-Mode Regulator
REVISED JULY 2015
More results

Similar Description - LM5001MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI-LM5000_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com