Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5001MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5001MA/NOPB
Description  High-Voltage Switch-Mode Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5001MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 17Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
PWM
VCC
FB
5k
COMP
5V
VOUT
LM5001
SHUTDOWN
& STANDBY
SOFT-START
CAPACITOR
RSS
1.3V
1.26V
LM5001, LM5001-Q1
SNVS484H – JANUARY 2007 – REVISED JULY 2015
www.ti.com
Application Information (continued)
Figure 17. Soft-Start
8.2 Typical Applications
Figure 18, Figure 19, Figure 20, Figure 21, and Figure 22 present examples of a Non-Isolated Flyback, Isolated
Flyback, Boost, 24-V SEPIC and a 12-V Automotive range SEPIC converters utilizing the LM5001 switching
regulator.
8.2.1 Non-Isolated Flyback
The Non-Isolated Flyback converter (Figure 18) utilizes the internal voltage reference for the regulation setpoint.
The output is 5 V at 1 A while the input voltage can vary from 16 V to 42 V. The switching frequency is set to 250
kHz. An auxiliary winding on transformer (T1) provides 7.5 V to power the LM5001 when the output is in
regulation. This disables the internal high voltage VCC LDO regulator and improves efficiency. The input under-
voltage threshold is 13.9 V. The converter can be shut down by driving the EN input below 1.26 V with an open-
collector or open-drain transistor. An external synchronizing frequency can be applied to the SYNC input. An
optional soft-start circuit is connected to the COMP pin input. When power is applied, the soft-start capacitor (C7)
is discharged and limits the voltage applied to the PWM comparator by the internal error amplifier. The internal
~5 k
Ω COMP pull-up resistor charges the soft-start capacitor until regulation is achieved. The VCC pull-up
resistor (R7) continues to charge C7 so that the soft-start circuit will not affect the compensation network in
normal operation. If the output capacitance is small, the soft-start circuit can be adjusted to limit the power-on
output voltage overshoot. If the output capacitance is sufficiently large, no soft-start circuit is needed because the
LM5001 gradually charges the output capacitor by current limiting at approximately 1 A (ILIM) until regulation is
achieved.
14
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM5001 LM5001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com