Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27313XMF/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM27313XMF/NOPB
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM27313XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
www.ti.com
6.3 ESD Ratings: LM27313-Q1
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
Corner pins (1, 3, 4, and 5)
±1000
V
Charged device model (CDM), per
AEC Q100-011
Other pins
±1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
MIN
NOM
MAX UNIT
VIN
2.7
14
V
VSW(MAX)
30
V
VSHDN
0
VIN
V
Junction Temperature, TJ
–40
125
°C
6.5 Thermal Information
LM27313,
LM27313-Q1
THERMAL METRIC(1)
UNIT
DBV
5 PINS
RθJA
Junction-to-ambient thermal resistance
166.3
RθJC(top)
Junction-to-case (top) thermal resistance
71.8
RθJB
Junction-to-board thermal resistance
28.1
°C/W
ψJT
Junction-to-top characterization parameter
2.1
ψJB
Junction-to-board characterization parameter
27.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com