Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27313XMF/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM27313XMF/NOPB
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM27313XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 20Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LM27313, LM27313-Q1
www.ti.com
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
9 Power Supply Recommendations
The LM27313 is designed to operate from an input voltage supply range from 2.7 V to 14 V. This input supply
should be able to withstand the maximum input current and maintain a voltage above 2.7 V. In cases where input
supply is located farther away (more than a few inches) from LM27313, additional bulk capacitance may be
required in addition to the ceramic bypass capacitors.
10 Layout
10.1 Layout Guidelines
High-frequency switching regulators require very careful layout of components in order to get stable operation
and low noise. All components must be as close as possible to the LM27313 device. It is recommended that a 4-
layer PCB be used so that internal ground planes are available.
Some additional guidelines to be observed:
1. Keep the path between L1, D1, and C2 extremely short. Parasitic trace inductance in series with D1 and C2
will increase noise and ringing.
2. The feedback components R1, R2 and CF must be kept close to the FB pin of the LM27313 to prevent noise
injection on the high impedance FB pin.
3. If internal ground planes are available (recommended) use vias to connect directly to the LM27313 ground at
device pin 2, as well as the negative sides of capacitors C1 and C2.
10.2 Layout Example
Figure 22. Recommended PCB Component Layout
10.3 Thermal Considerations
At higher duty cycles, the increased ON time of the FET means the maximum output current will be determined
by power dissipation within the LM27313 FET switch. The switch power dissipation from ON-state conduction is
calculated by:
PSW = DC x IIND(AVG)
2 x R
DS(ON)
(18)
There will be some switching losses as well, so some derating needs to be applied when calculating IC power
dissipation.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com