Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4202 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM4202 Datasheet HTML 9Page - Texas Instruments PCM4202 Datasheet HTML 10Page - Texas Instruments PCM4202 Datasheet HTML 11Page - Texas Instruments PCM4202 Datasheet HTML 12Page - Texas Instruments PCM4202 Datasheet HTML 13Page - Texas Instruments PCM4202 Datasheet HTML 14Page - Texas Instruments PCM4202 Datasheet HTML 15Page - Texas Instruments PCM4202 Datasheet HTML 16Page - Texas Instruments PCM4202 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
HPF
Delta- Sigma
Modulator
Decim ation
Filter
Voltage
Reference
V
CO M R
AGNDR
V
R EFR
V
INR +
V
INR
-
Power
V
DD
AGND
Reset
Logic
Clock
Control
Audio
Serial
Port
DGND
V
CC
LRCK
or DSDBCK
BCK
or DSDL
DATA
or DSDR
S/M
FMT0
FMT1
CLIPR
CLIPL
HPF
Delta- Sigma
Modulator
Decim ation
Filter
Voltage
Reference
V
RE FL
AGND L
V
COM L
V
INL
-
V
INL+
FS1
FS2
SCKI
RST
HPFD
FS0
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
PRODUCT OVERVIEW
The PCM4202 is a high-performance, stereo audio analog-to-digital (A/D) converter designed for use in
professional and broadcast audio applications. The PCM4202 features 24 bit linear PCM or 1 bit Direct Stream
Digital (DSD) data output capability for both channels. Sampling rates up to 216 kHz are supported for PCM
output formats, while 64
× or 128× oversampled 1 bit data is supported for DSD output mode. Native support for
both PCM and DSD data formats makes the PCM4202 ideal for use in a wide variety of audio recording and
processing applications.
The PCM4202 features 1 bit delta-sigma modulators employing density modulated dither for improved dynamic
performance. Differential voltage inputs are utilized for the modulators, providing excellent common-mode
rejection. On-chip voltage references are provided for the modulators, in addition to generating DC
common-mode bias voltage outputs for use with external input circuitry. Linear phase digital decimation filtering
is provided for the 24 bit PCM data outputs, with a minimum stop band attenuation of
–100 dB for all sampling
modes.
The PCM output mode features clipping flag outputs for each channel, as well as a digital high-pass filter for DC
removal. The PCM4202 may be configured using dedicated input pins for sampling mode and audio data format
selection, high-pass filter enable/disable, and reset/power-down operation.
A 5 V power supply is required for the analog section of the device, while a 3.3-V power supply is required for the
digital circuitry. Figure 1 shows the functional block diagram for the PCM4202.
Figure 1. PCM4202 Functional Block Diagram
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com