Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4202 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202 Datasheet(HTML) 3 Page - Texas Instruments

  PCM4202 Datasheet HTML 1Page - Texas Instruments PCM4202 Datasheet HTML 2Page - Texas Instruments PCM4202 Datasheet HTML 3Page - Texas Instruments PCM4202 Datasheet HTML 4Page - Texas Instruments PCM4202 Datasheet HTML 5Page - Texas Instruments PCM4202 Datasheet HTML 6Page - Texas Instruments PCM4202 Datasheet HTML 7Page - Texas Instruments PCM4202 Datasheet HTML 8Page - Texas Instruments PCM4202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
ELECTRICAL CHARACTERISTICS
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V (unless otherwise noted), and a measurement
bandwidth from 20 Hz to 20 kHz, unless otherwise noted. System clock frequency is equal to 256 fS for Single and Dual Rate
sampling modes, and 128 fS for Quad Rate sampling mode.
PCM4202
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RESOLUTION
24
Bits
AUDIO DATA FORMAT
Linear PCM interface formats
Two
’s complement, MSB first data
I2S, Left or Right Justified
Linear PCM word length
24
Bits
Direct Stream Digital (DSD) output
1
Bit
DIGITAL CHARACTERISTICS
VIH
0.7
× VDD
VDD
V
Input logic level
VIL
0
0.3
× VDD
V
VOH
IOH = –2 mA
0.8
× VDD
V
Output logic level
VOL
IOL = 2 mA
0.2
× VDD
V
IIH
VIN = VDD ( – 40°C to 85°C)
10
μA
Input current
IIL
VIN = 0 V ( – 40°C to 85°C)
–10
μA
IIH
VIN = VDD ( – 40°C to 85°C)
25
μA
Input current(1)
IIL
VIN = 0 V ( – 40°C to 85°C)
–25
μA
Single rate
8
54
Sampling frequency(2)
fS
Dual rate
54
108
kHz
Quad rate
108
216
System clock duty cycle
45
50
55
%
Single rate, SCKI = 256fS
2.048
13.824
MHz
Single rate, SCKI = 384fS
3.072
20.736
MHz
Single rate, SCKI = 512fS
4.096
27.648
MHz
Single rate, SCKI = 768fS
6.144
38.4
MHz
System clock frequency(2)
Dual rate, SCKI = 256fS
13.824
27.648
MHz
Dual rate, SCKI = 384fS
20.736
38.4
MHz
Quad rate, SCKI = 128fS
13.824
27.648
MHz
Quad rate, SCKI = 192fS
20.736
38.4
MHz
ANALOG INPUTS
Input voltage, full-scale
Differential input
6
VPP
Input impedance
3
k
Ω
Common-mode rejection
85
dB
DC PERFORMANCE
Output offset error
HPFD = 1
±4
% of FSR
Gain error
±4
% of FSR
Gain mismatch channel-to-channel
±3
% of FSR
(1)
Applies to the RST input, pin 19.
(2)
Single, Dual, and Quad Rate sampling modes are described within this data sheet.
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com