Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1617G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1617G-S08-R
Description  6 TONES SIREN/ALARM SOUND GENERATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1617G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1617G-S08-R Datasheet HTML 1Page - Unisonic Technologies 1617G-S08-R Datasheet HTML 2Page - Unisonic Technologies 1617G-S08-R Datasheet HTML 3Page - Unisonic Technologies 1617G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1617
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co.,
Ltd
QW-R502-016.F
6 TONES SIREN/ALARM
SOUND GENERATOR
DESCRIPTION
The UTC 1617 is a CMOS design for 6 different alarm sounds
application. The sound of UTC 1617 will be generated in cycling
sequence.
By the way, UTC 1617 is also partitioned to 6 types for single
tone siren/alarm sound generator. The types of UTC 1617 Series
are listed as following.
1617: 6 tones on chip.
1617A: Single tone which be outputted from 1617’s 1st sound.
1617B: Single tone which be outputted from 1617’s 2nd sound.
1617C: Single tone which be outputted from 1617’s 3rd sound.
1617D: Single tone which be outputted from 1617’s 4th sound.
1617E: Single tone which be outputted from 1617’s 5th sound.
1617F: Single tone which be outputted from 1617’s 6th sound.
FEATURES
* Low operating voltage: 2V ~ 5V.
* On-chip RC oscillator.
* Low stand by current.
* CMOS process.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
1617L-D08-T
1617G-D08-T
DIP-8
Tube
1617xL-D08-T
1617xG-D08-T
DIP-8
Tube
-
1617G-S08-R
SOP-8
Tape Reel
-
1617xG-S08-R
SOP-8
Tape Reel


Similar Part No. - 1617G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1617G-D08-T UTC-1617G-D08-T Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
More results

Similar Description - 1617G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618 UTC-1618 Datasheet
41Kb / 4P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1616 UTC-1616 Datasheet
39Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
1618 UTC-1618_08 Datasheet
150Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
logo
Silvan Chip Electronics...
GE6065B SILVAN-GE6065B Datasheet
164Kb / 3P
1/6 Tones Alarm Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com