Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106L-R40-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7106L-R40-R
Description  CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106L-R40-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7106L-R40-R Datasheet HTML 1Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 2Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 3Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 4Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 5Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 6Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 7Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 8Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7106
CMOS IC
www.unisonic.com.tw
1 of 18
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-018.E
3½ DIGIT, LCD DISPLAY, A/D
CONVERTERS
DESCRIPTION
The UTC 7106 is a high performance, low power,3½ digits A/D
converter. Included are seven segment decoders, display drivers, a
reference, and a clock.
The UTC 7106 is designed to interface with a liquid crystal
display (LCD) and includes a multiplexed backplane drive.
The UTC 7106 bring together a combination of high accuracy,
versatility, and true economy. It features auto zero to less than
10μV, zero drift of less than 1μV/°C, input bias current of 10pA
(Max), and rollover error of less than one count. True differential
inputs and reference are useful in all system, but give the designer
an uncommon advantage when measuring load cells, strain
gauges and other bridge type transducers. Finally, the true
economy of single power supply operation, enables a high
performance panel meter to be built with the addition of only 10
passive components and a display.
FEATURES
*Guaranteed Zero Reading for 0V Input On All Scales
*True Polarity At Zero for Precise Null Detection
*1pA Typical Input Current
*True Differential Input And Reference, Direct Drive
LCD Display
*Low Noise-Less than 15μVp-p
*On chip Clock and Reference
*Low Power Dissipation-Typically Less than 10mW
*No Additional Active Circuits Required
*Enhanced Display Stability
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
7106L-D40-T
7106G-D40-T
DIP-40
Tube
7106L-R40-R
7106G-R40-R
SSOP-40
Tape Reel
7106L-R40-T
7106G-R40-T
SSOP-40
Tube
7106L-QM1-Y
7106G-QM1-Y
QFP-44
Tray


Similar Part No. - 7106L-R40-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106L-R40-R UTC-7106L-R40-R Datasheet
444Kb / 18P
3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
7106L-R40-R UTC-7106L-R40-R Datasheet
368Kb / 18P
3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
More results

Similar Description - 7106L-R40-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4049 MICRO-ELECTRONICS-MMC4049 Datasheet
106Kb / 3P
HEXBUFFER / CONVERTERS
logo
EPCOS
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
Frequency converters
logo
Grayhill, Inc
RS-232 GRAYHILL-RS-232 Datasheet
870Kb / 1P
COMMUNICATION CONVERTERS
logo
List of Unclassifed Man...
ES-R-2X01B-M ETC2-ES-R-2X01B-M Datasheet
360Kb / 20P
Converters Manual
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
Frequency converters
logo
List of Unclassifed Man...
HEMC2 ETC2-HEMC2 Datasheet
402Kb / 3P
Media Converters
logo
TDK Electronics
EZA11K-320240 TDK-EZA11K-320240 Datasheet
145Kb / 1P
Bidirectional Converters
EZA2500-32048 TDK-EZA2500-32048 Datasheet
142Kb / 1P
Bidirectional Converters
EZA2500W-32048 TDK-EZA2500W-32048 Datasheet
139Kb / 1P
Bidirectional Converters
logo
Bel Fuse Inc.
IBX15 BEL-IBX15 Datasheet
1Mb / 11P
Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com