Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106L-R40-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # 7106L-R40-R
Description  CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106L-R40-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button 7106L-R40-R Datasheet HTML 6Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 7Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 8Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 9Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 10Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 11Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 12Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 13Page - Unisonic Technologies 7106L-R40-R Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 18
www.unisonic.com.tw
QW-R502-018.E
DETAILED DESCRIPTION(Cont.)
TEST
The TEST pin serves two function. On the UTC 7106 it is coupled to the internally generated digital supply through
a 500Ω resistor. Thus it can be used as the negative supply for externally generated segment drivers such as
decimal points or any other presentation the user may want to include on the LCD display. Fig.3 and 4 show such an
application. No more than a 1mA load should be applied.
The second function is a “lamp test”. When TEST is pulled high (to V+) all segments will be turned on and the
display should read ”1888”. The TEST pin will sink about 15mA under these conditions.
CAUTION: In the lamp test mode, the segments have a constant DC voltage (no square-wave) . This may burn the
LCD display if maintained for extended periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com