Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106L-R40-T Datasheet(PDF) 16 Page - Unisonic Technologies

Part # 7106L-R40-T
Description  CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106L-R40-T Datasheet(HTML) 16 Page - Unisonic Technologies

Back Button 7106L-R40-T Datasheet HTML 10Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 11Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 12Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 13Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 14Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 15Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 16Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 17Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 18Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
16 of 18
www.unisonic.com.tw
QW-R502-018.E
TYPICAL APPLICATIONS(Cont.)
OSC1
OSC2
OSC3
TEST
REF HI
REF LO
CREF+
CREF-
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2
C3
A3
G3
BP
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
TO PIN1
91kΩ
100pF
0.1µF
0. 47 F
100k
1M
47 k
0. 22 F
SCALE
FACTOR
ADJUST
9V
TO DISPLAY
A sillicon diode- connected transistor has a temperature coefficient of about -2 mV/
Calibration is achieved by placing the sensing transistor in ice water and adjusting
zeroing potentiometer for a 00.0 .
0
reading. The sensor should then be placed in
water and the scale - factor potentiometer adjusted for a 100.0 reading
Fig.9 Used as A Digital Centigrade Thermometer
0.01 F
100k
220k
22k
ZERO
ADJUST
SILICON NPN
MPS 3704OR
SIMILAR
TO BACKPLANE
µ
µ
µ
Ω
Ω
Ω
Ω
Ω
Ω
.
the
boiling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com