Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106L-R40-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 7106L-R40-T
Description  CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106L-R40-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 7106L-R40-T Datasheet HTML 4Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 5Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 6Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 7Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 8Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 9Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 10Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 11Page - Unisonic Technologies 7106L-R40-T Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 18
www.unisonic.com.tw
QW-R502-018.E
DETAILED DESCRIPTION(Cont.)
DIFFERENTIAL REFERENCE
The reference voltage can be generated anywhere within the power supply voltage of the converter. The main
source of common mode error is a roll-over voltage caused by the reference capacitor losing or gaining charge to
stray capacity on its nodes. If there is a large common mode voltage, the reference capacitor can gain charge
(increase voltage) when called up to de-integrate a positive signal but lose charge (decrease voltage) when called up
to de-integrate a negative input signal. This difference in reference for positive or negative input voltage will give a
roll-over error. However, by selecting the reference capacitor such that it is large enough in comparison to the stray
capacitance, this error can be held to less than 0.5 count worst case. (See Component Value Selection)
COMMON
IN LO
30
32
31
V+
A-Z
INT
INT
A-Z AND DE(±)
V-
Fig.1 Analog Section
DE+
DE-
DE-
DE+
A-Z
A-Z
REF HI
REF LO
CREF +
STRAY
CREF
34
36
35
33
28
1
2.8V
-
+
-
+
-
+
29
27
INT
A-Z
CINT
CAZ
INTEGRATOR
RINT
V+
STRAY
CREF -
TO
DIGITAL
SECTION
A-Z
COMPARATOR
INPUT
LOW
-
+
N
INPUT
HIGH
6.2V
10 A
IN HI
μ
BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com