Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM1851G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # GM1851G-S08-R
Description  GROUND FAULT INTERRUPTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

GM1851G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  GM1851G-S08-R Datasheet HTML 1Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 2Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 3Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 4Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 5Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 6Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 7Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 8Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GM1851
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 10
www.unisonic.com.tw
QW-R122-007,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Current
ICC
19
mA
Power Dissipation (Note 1)
PD
1250
mW
Operating Temperature
TOPR
-40 ~ +70
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, ISS=5mA)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
DC CHARACTERISTICS
Power Supply Shunt Regulator Voltage
Pin 8, Average Value
22
26
30
V
Latch Trigger Voltage
Pin 7
15
17.5
20
V
Sensitivity Set Voltage
Pin 8 to Pin 6
6
7
8.2
V
Output Saturation Voltage
Pin 1, Without Fault
100
240
mV
Output Drive Current
Pin 1, With Fault
0.5
1
2.4
mA
Output External Current Sinking Capability
Pin 1, Without Fault
Vpin 1 Held to 0.3V (Note 4)
2.0
5
mA
Output Saturation Resistance
Pin 1, Without Fault
100
Ω
Noise Integration Sink Current Ratio
Pin 7, Ratio of Discharge Currents Between
No Fault and Fault Conditions
2.0
2.8
3.6 μA/μA
AC CHARACTERISTICS
Normal Fault Current Sensitivity
Figure 1 (Note 3)
3
5
7
mA
Normal Fault Trip Time
500Ω Fault, Figure 2 (Note 2)
18
mS
Normal Fault with Grounded Neutral Fault
Trip Time
500Ω Normal Fault, 2Ω Neutral, Figure 2
(Note 2)
18
mS
Note: 1.
2.
3.
4.
For operation in ambient temperatures above 25℃, the device must be debated based on a 125℃ maximum
junction temperature and a thermal resistance of 80℃/W junction to ambient for the DIP and 162/W for the
SO Package.
Average of 10 trials.
Required UL sensitivity tolerance is such that external trimming of UTC GM1851 sensitivity will be necessary.
This externally applied current is in addition to the internal ''output drive current '' source.
FIGURE 1.Normal Fault Sensitivity Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com