Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM1851G-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # GM1851G-S08-R
Description  GROUND FAULT INTERRUPTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

GM1851G-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button GM1851G-S08-R Datasheet HTML 2Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 3Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 4Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 5Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 6Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 7Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 8Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 9Page - Unisonic Technologies GM1851G-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
GM1851
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
8 of 10
www.unisonic.com.tw
QW-R122-007,B
TYPICAL APPLICATION
TIMING
CAP
SCR
TRIGGER
OP AMP
OUTPUT
VCC
-IN
+IN
RSET
GND
MOV
HOT
NEUTRAL
LOAD
GND/NEUTRAL COIL
SENSE COIL
200:1
1000:1
HIGH £g COIL
10 μF
TANT
0.0033
200 pF
2
3
6
4
7
1
5
8
RSET*
1.0μF
TANT
Ct
0.015
0.01/400V
CIRCUIT
BREAKER
15K/2W
0.01
0.01/400V
SCR
+
LINE
* Adjust RSET for desired sensitivity
+
FIGURE 2. 120Hz Neutral Transformer Approach



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com