Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54123LG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M54123LG-S08-R
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54123LG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M54123LG-S08-R Datasheet HTML 1Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 2Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 3Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 4Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 5Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 6Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 7Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 8Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M54123L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R122-001.E
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Current
IS
8
mA
Between VR-IN (Note 2)
250
mA
Between VR-GND
30
mA
VR Pin Current
Between IN-VR(Note 2)
IVR
-250
mA
Between IN-VR(Note 2)
250
mA
Between IN-GND
30
mA
IN Terminal Current
Between VR-IN (Note 2)
IIN
-250
mA
SC Terminal Current
ISC
5
mA
Power Dissipation
PD
200
mW
Operating Temperature
TOPR
-20~ +80
°C
Storage Temperature
TSTG
-55~ +125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Current value between VR and IN, and between IN and VR is less than 1ms in the pulse width, and duty
cycle is less than 12%, In applying AC current continuously, it is 100 mA in the off-state.
RECOMMENDED OPERATING CONDITIONS (unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage When Latch Circuit Is Off-State
VS
12
V
External Capacitor Between Vs and GND
CVS
1
μF
External Capacitor Between Os and GND
COS
1
μF
ELECTRICAL CHARACTERISTICS (TA=-20~+80°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA=-20°C
580
μA
TA=25°C
400
530
μA
Supply Current
IS1
VS=12V,VR-VI=30mV
(See Test Circuit 1)
TA=80°C
480
μA
Trip Voltage
VT
VS=16V, VR-VI, TA=-20~+80°C
(Note2) (See Test Circuit 2)
4
6.1
9
mVrms
Timed Current1
ITD1
VS=16V, VR-VI=30mV, VOD=1.2V, TA=25°C
(See Test Circuit 3)
-12
-30
μA
Timed Current2
ITD2
VS=16V, short circuit between VR and VI,
VOD=0.8V, TA=25°C (See Test Circuit 4)
17
37
μA
IS1=580μA,TA=-20°C -200
μA
IS1=530μA,TA =25°C
-100
μA
Output Current
IO
VSC=1.4V,VOS=0.8V
(See Test Circuit 5)
IS1=480μA,TA =80°C
-75
μA
SC “ON” Voltage (Note3)
VSC(ON) VS=16V, TA=25°C (See Test Circuit 6)
0.7
1.4
V
SC Input Current
ISC(ON) VS=12V, TA=25°C (See Test Circuit 7)
5
μA
Output Low-Level Current
IOSL
VS=12V,VOSL=0.2V, TA=-20~+80°C
(See Test Circuit 8)
200
μA
Input Clamp Voltage
VIC
VS=12V, IIC=20mA, TA=-20~+80°C
(See Test Circuit 9)
4.3
6.7
V
Differential Input Clamp
Voltage
VIDC
IIDC=100mA, TA=-20~+80°C
(See Test Circuit 10)
0.4
2
V
Maximum Current Voltage
VSM
ISM=7mA, TA=25°C (See Test Circuit 11)
20
28
V
Supply Current 2(Note 4)
IS2
VR-VI, VOS=0.6V, TA=-20~+80°C
(Note 5) (See Test Circuit 12)
1100
μA
Latch Circuit is Off-State
Supply Voltage (Note6)
VS(OFF) TA=25°C (See Test Circuit 13)
0.5
V
Operating Time (Note 7)
TON
VS=16V,VR-VI=0.3V, TA=25°C
(See Test Circuit 14)
2
4
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com