Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54123LG-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # M54123LG-S08-R
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54123LG-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  M54123LG-S08-R Datasheet HTML 1Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 2Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 3Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 4Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 5Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 6Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 7Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 8Page - Unisonic Technologies M54123LG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M54123L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R122-001.E
TEST CIRCUITS
1
4
10
13
Note: The unit of resistance is ohm.
Please insurt 0.01µF between pin
1 and pin 3 in test
VR IN GND OD Sc NR Os Vs
100
VI
Open
Vs
Is
VR IN GND OD Sc NR Os Vs
100
VI
Open
Vs
2
1K
vos
3
VR IN GND OD Sc NR Os Vs
100
VI
Open
Vs
VOD
ITD1
VR IN GND OD Sc NR Os Vs
100
VI
Open
Vs
VOD
ITD2
5
VR IN GND OD Sc NR Os Vs
Open
Is
Open
Open
Vsc
3K
Vos
6
VR IN GND OD Sc NR Os Vs
100
VI
Open
Vs
Open
3K Vos
Vsc
“ON”
VR IN GND OD Sc NR Os Vs
100
VI
Open
Vs
0.047
µF
Open
Vos
Isc“ON”
0.047
µF
VR IN GND OD Sc NR Os Vs
100
VI
Open
Vs
0.047
µF
Open
IosL
8
VosL
0.047
µF
VR IN GND OD Sc NR Os Vs
100
VIC
Open
Vs
0.047
µF
Open
0.047
µF
9
IIC
VR IN GND OD Sc NR Os Vs
VIDC
Open
IIDC
VR IN GND OD Sc NR Os Vs
100
VI
Open
Ism
0.047
µF
Open
11
0.047
µF
Vsm
VR IN GND OD Sc NR Os Vs
100
VI
Open
0.047
µF
0.047
µF
Vos
Is2
12
0.047
µF
IGT
VR IN GND OD Sc NR Os Vs
100
VI
Open
0.047
µF
0.047
µF
Vs
"OFF"
0.047
µF
VR IN GND OD Sc NR Os Vs
100
VI
Open
0.047
µF
0.047
µF
Vs
0.047
µF
14
1
2
3
4
5
6
7
8
0.047
µF
0.047
µF
1
2
3
4
5
6
7
8
Vsm
0.047
µF
0.047
µF
1
2
3
4
5
6
7
8
0.047
µF
0.047
µF
1
2
4
5
6
7
8
0.047
µF
0.047
µF
3
1
2
4
5
6
7
8
3
0.047
µF
0.047
µF
1
2
3
4
5
6
7
8
0.047
µF
0.047
µF
0.0
47
µF
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com