Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1353 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PC1353
Description  TV AUDIO PROCESSING CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1353 Datasheet(HTML) 3 Page - Unisonic Technologies

  PC1353_15 Datasheet HTML 1Page - Unisonic Technologies PC1353_15 Datasheet HTML 2Page - Unisonic Technologies PC1353_15 Datasheet HTML 3Page - Unisonic Technologies PC1353_15 Datasheet HTML 4Page - Unisonic Technologies PC1353_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTCPC1353
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R111-002,A
3.AUDIO POWER AMPLIFIER(VCC=12V,RB=100Ω,RL=8Ω,f=400HZ,RG=600Ω)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Gain
GVAF
Vi=30mVrms
33
37
41
dB
Output Power
POA
THD=10%
0.9
1.2
W
Output Power
POB
VCC=18V,RB=330
Ω
THD=10%
2.0
2.4
W
Distortion
THD2A
PO=0.5W
0.6
2.0
%
Distortion
THD2B
VCC=18V,RB=330
Ω
PO=0.5W
0.5
2.0
%
Total Distortion(IF+Audio)
THD3
PO=0.5W
Vi=10mVrms
v
1.5
4.0
%
TEST CIRCUIT
3
7
4
11
14
6
5
2
10
8
1
12
13
TAB
9
V1
V14
V5
I5
VV
KF
I10
KF
VV
VV
VV
Amp
Gain?60dB
220
µF
330
µF
220
µF
10pF
0.022
µF
0.01
µF
47
µF47 µF
0.015
µF
47
µF
47
µF
100
µF
600
Ω
22k
Ω
5k
Ω
RG=50
Ω
Audio signal
f=400Hz
DCM
DVM
DVM
IF signal
f=6.5MHz
RB
S4
S3
S1
S2
RB : Vcc 12V:100
Ω
Vcc 18V:330
Ω
KF
VV AC voltmeter
Distortion
meter
UTC PC1353
Vcc
12V or 18V
Fig 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com