Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1353 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PC1353
Description  TV AUDIO PROCESSING CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1353 Datasheet(HTML) 4 Page - Unisonic Technologies

  PC1353_15 Datasheet HTML 1Page - Unisonic Technologies PC1353_15 Datasheet HTML 2Page - Unisonic Technologies PC1353_15 Datasheet HTML 3Page - Unisonic Technologies PC1353_15 Datasheet HTML 4Page - Unisonic Technologies PC1353_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTCPC1353
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 4
QW-R111-002,A
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
Power supply voltage
Vcc (V)
Power supply curve
0.5
1.0
1.5
2.0
2.5
02
6
4
8
10
12
14
16
18 20
0
2
6
4
8
10
12
14
16
18
20
f=1kHz
Vcc=12V
f=1kHz
Vcc=18V
Total distortion curve
Output power? Po(W)
0
100
200
300
400
500
-7
-6
-5
-4
-3
-2
-1
0
6
10
5
10
4
10
10
3
2
10
10
2
10
10
34
10
5
10
Vcc=12V
Vi=30mVrms
Vcc=12V
fo=6.5MHz
100%FM
30%AM
fm=400Hz
f=+25kHz
Vi=10mVrms
Frequency
(Hz)
Audio amplifier frequency response
curve
Detector output curve
Input voltage? Vi
(
µVrms)
0
50
100
150
0
1
2
3
Ambient temperature
Ta(°C)
Power dissipation curve
10
100
1000
0
1
2
3
4
5
V=18V
V=12V
f=1kHz
THD=10%
THD=10%
Audio power output curve
Input power Viaf(mVrms)
PCB thickness t=1.5mm
Copper thickness
t=30
µm
50x50(mm)2
Free air



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com