Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCT2EG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCT2EG-S08-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT2EG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  RCT2EG-S08-R Datasheet HTML 1Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 2Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 3Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 4Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 5Page - Unisonic Technologies RCT2EG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RCT2E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-027.D
MARKING
DIP-14
SOP-8
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RIGHTB
NC
GND
BACKWARDB
FORWARDB
TURBOB
SC
LEFTB
NC
OSCI
OSCO
PC
VDD
SO
DIP-14
1
2
3
4
5
6
7
8
RIGHTB
GND
VDD
SO
NC
OSCI
OSCO
PC
SOP-8
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
RIGHTB
The rightward function will be selected when this pin is connected to GND.
2
NC
No connection
3
GND
Negative power supply
4
BACKWARDB
The backward function will be selected when this pin is connected to GND.
5
FORWARDB
The forward function will be selected when this pin is connected to GND.
6
TURBOB
The turbo function will be selected when this pin is connected to GND.
7
SC
Output pin of the encoding signal with carrier frequency
8
SO
Output pin of the encoding signal without carrier frequency
9
VDD
Positive power supply
10
PC
Power control output pin. When any function key is pulled low, PC will be high
logic.
11
OSCO
Oscillator output pin
12
OSCI
Oscillator input pin
14
LEFTB
The leftward function will be selected when this pin is connected to GND.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com